Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BC546
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC546 Datasheet(HTML) 1 Page - Unisonic Technologies

  BC546 Datasheet HTML 1Page - Unisonic Technologies BC546 Datasheet HTML 2Page - Unisonic Technologies BC546 Datasheet HTML 3Page - Unisonic Technologies BC546 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC BC546/547/548
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-037,A
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
* High Voltage: BC546, VCEO=65V
TO-92
1
1: COLLECTOR 2: BASE 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
: BC546
: BC547
: BC548
VCBO
80
50
30
V
V
V
Collector-emitter voltage
: BC546
: BC547
: BC548
VCEO
65
45
30
V
V
V
Emitter-base voltage
: BC546
: BC547
: BC548
VEBO
6
6
5
V
V
V
Collector current (DC)
Ic
100
mA
Collector dissipation
Pc
500
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
15
nA
DC current gain
hFE
VCE=5V, Ic=2mA
110
800
Collector-emitter saturation voltage
VCE(sat)
Ic=10mA, IB=0.5mA
Ic=100mA, IB=5mA
90
200
250
600
mV
mV
Base-emitter saturation voltage
VBE(sat)
Ic=10mA, IB=0.5mA
Ic=100mA, IB=5mA
700
900
mV
Base-emitter on voltage
VBE(on)
VCE=5V, Ic=2mA
VCE=5V, Ic=10mA
580
660
700
720
mV
mV


Similar Part No. - BC546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results

Similar Description - BC546

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC556 UTC-BC556_10 Datasheet
205Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
Switching and Amplifier Applications
BC337.25 FAIRCHILD-BC337.25 Datasheet
33Kb / 3P
Switching and Amplifier Applications
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
Switching and Amplifier Applications
logo
New Jersey Semi-Conduct...
BC237 NJSEMI-BC237 Datasheet
115Kb / 2P
Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com