Electronic Components Datasheet Search
  English  ▼

X  

BC547 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC547
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC547 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC547 Datasheet HTML 1Page - Unisonic Technologies BC547 Datasheet HTML 2Page - Unisonic Technologies BC547 Datasheet HTML 3Page - Unisonic Technologies BC547 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC BC546/547/548
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R201-037,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current gain bandwidth product
fT
VCE=5V, Ic=10mA, f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Input Capacitance
Cib
VEB=0.5V, Ic=0, f=1MHz
9
pF
Noise Figure
NF
VCE=5V, Ic=200
µA,
f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
hFE
110 - 220
200 – 450
420 - 800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com