Electronic Components Datasheet Search
  English  ▼

X  

BC817 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC817
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC817 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC817 Datasheet HTML 1Page - Unisonic Technologies BC817 Datasheet HTML 2Page - Unisonic Technologies BC817 Datasheet HTML 3Page - Unisonic Technologies BC817 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R206-025.B
ABSOLUTE MAXIMUM RATING(Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCES
50
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current -Continuous
IC
1.5
A
Power Dissipation
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from –20℃~+85℃.
THERMAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
RATING (Note)
UNIT
Thermal Resistance, Junction to Ambient
θ
JA
350
°C/W
Note: Device mounted on FR-4 PCB 40mm×40mm×1.5mm.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
45
V
Collector-Base Breakdown Voltage
V(BR)CES
IC=100µA,IE=0
50
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10µA, Ic=0
5
V
Collector-Cutoff Current
ICBO
VCB=20V
VCB=20V,Ta=150°C
100
5
nA
µA
ON CHARACTERISTICS
hFE1*
Ic=100mA,VCE=1.0V
See Classification
DC Current Gain
hFE2
Ic=500mA, VCE=1.0V
40
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=500mA,IB=50Ma
0.7
V
Base-Emitter On Voltage
VBE(ON)
Ic=500mA, VCE=1.0V
1.2
V
CLASSIFICATION OF hFE1*
RANK
BC817-16
BC817-25
BC817-40
RANGE
100-250
160-400
250-600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com