Electronic Components Datasheet Search
  English  ▼

X  

1452084 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1452084
Description  SACC-E-M12MSB-5CON-M20/0,5 VA - Device connector front mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452084 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1452084 Datasheet HTML 1Page - PHOENIX CONTACT 1452084 Datasheet HTML 2Page - PHOENIX CONTACT 1452084 Datasheet HTML 3Page - PHOENIX CONTACT 1452084 Datasheet HTML 4Page - PHOENIX CONTACT 1452084 Datasheet HTML 5Page - PHOENIX CONTACT 1452084 Datasheet HTML 6Page - PHOENIX CONTACT 1452084 Datasheet HTML 7Page - PHOENIX CONTACT 1452084 Datasheet HTML 8Page - PHOENIX CONTACT 1452084 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting, 5-position, Pin, straight, M12, coding: B, on free cable end,
Front mounting, M20 x 1,5, Individual wires, cable length: 0.5 m, 0.34 mm2, TPE litz wire
Your advantages
Preassembled with litz wires for immediate use
•
Customer-specific assemblies and litz wire lengths available
•
Sealed on the litz wire side for optimum leak-tightness
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
For high transmission safety: shield connection to the housing with optional EMC nut
•
Commercial data
Item number
1452084
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB26
Product key
ABQCUC
Catalog page
Page 269 (C-2-2013)
GTIN
4046356528733
Weight per piece (including packing)
44.3 g
Weight per piece (excluding packing)
35.1 g
Customs tariff number
85444290
Country of origin
DE
SACC-E-M12MSB-5CON-M20/0,5 VA - Device
connector front mounting
1452084
https://www.phoenixcontact.com/us/products/1452084
Oct 10, 2023, 5:07 AM
Page 1 (12)


Similar Part No. - 1452084

ManufacturerPart #DatasheetDescription
logo
Heyco.
14520 HEYCO-14520 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14520 EKTOR-14520 Datasheet
117Kb / 2P
QUADRO ADVANCED
4th of February 2025 08:48:28
logo
PHOENIX CONTACT
1452003 PHOENIX-1452003 Datasheet
1Mb / 16P
CHARX T1HBI12-1AC80DC200-10M1 - Vehicle charging inlet
logo
TE Connectivity Ltd
1452013 TEC-1452013 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
1452014 TEC-1452014 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
More results

Similar Description - 1452084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408446 PHOENIX-1408446 Datasheet
519Kb / 12P
SACC-E-M12MS-5CON-M20/0,5 - Device connector front mounting
1408454 PHOENIX-1408454 Datasheet
1Mb / 13P
SACC-E-M12FS-5CON-M20/0,5 - Device connector front mounting
1458868 PHOENIX-1458868 Datasheet
540Kb / 13P
SACC-E-M12MS-5CON-M16/0,5 VA - Device connector front mounting
1452107 PHOENIX-1452107 Datasheet
414Kb / 11P
SACC-E-M12MS-8CON-M20/0,5 VA - Device connector front mounting
1452071 PHOENIX-1452071 Datasheet
1Mb / 12P
SACC-E-M12FS-5CON-M20/0,5 VA - Device connector front mounting
1554568 PHOENIX-1554568 Datasheet
560Kb / 12P
SACC-E-M12MS-5CON-PG 9/0,5 VA - Device connector front mounting
1671098 PHOENIX-1671098 Datasheet
2Mb / 15P
SACC-E-M12FS-5CON-PG9/0,5 - Device connector front mounting
1699863 PHOENIX-1699863 Datasheet
2Mb / 14P
SACC-E-M12FS-5CON-PG9/0,5 VA - Device connector front mounting
1408416 PHOENIX-1408416 Datasheet
530Kb / 12P
SACC-E-M12FS-4CON-M20/0,5 VA - Device connector front mounting
1411580 PHOENIX-1411580 Datasheet
534Kb / 13P
SACC-E-M12MSB-5P-M16XL/0,5 - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com