Electronic Components Datasheet Search
  English  ▼

X  

BC858 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC858
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC858 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC858 Datasheet HTML 1Page - Unisonic Technologies BC858 Datasheet HTML 2Page - Unisonic Technologies BC858 Datasheet HTML 3Page - Unisonic Technologies BC858 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856/BC857/BC858
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-028,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
BC856
-80
V
BC857
-50
V
Collector-Base Voltage
BC858
VCBO
-30
V
BC856
-65
V
BC857
-45
V
Collector-Emitter Voltage
BC858
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation
PD
310
mW
Collector Current (DC)
IC
-100
mA
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Cut-Off Current
ICBO
VCB=-30V, IE=0
-15
nA
DC Current Gain
hFE
VCE=-5V, IC=-2mA
110
800
IC=-10mA,IB=-0.5mA
-90
-300
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100mA,IB=-5mA
-250
-650
mV
IC=-10mA,IB=-0.5mA
-700
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-100mA,IB=-5mA
-900
mV
VCE=-5V,IC=-2mA
-600
-660
-750
mV
Base-Emitter On Voltage
VBE(ON)
VCE=-5V,IC=-10mA
-800
mV
Current Gain Bandwidth Product
fT
VCE=-5V,IC=-10mA, f=100MHz
150
MHz
Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHz
6
pF
Noise Figure
NF
VCE=-5V, IC=-200μA, f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
110-220
200-450
420-800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com