Electronic Components Datasheet Search
  English  ▼

X  

BCX70 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BCX70
Description  GENERAL PURPOSE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BCX70 Datasheet(HTML) 1 Page - Unisonic Technologies

  BCX70 Datasheet HTML 1Page - Unisonic Technologies BCX70 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCBCX70
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R206-080,A
GENERAL PURPOSE TRANSISTOR
MARKING
CG
SOT-23
1
2
3
1: Emitter
2: Base
3: Collector
*Pb-free plating product number: BCX70L
ABSOLUTE MAXIMUM RATINGS
(Ta = 25℃ unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
200
mA
Collector Power Dissipation
PC
350
mW
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Ta = 25℃ unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=2.0mA, IB=0
45
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1.0µF, IC=0
5
V
Collector Cut-off Current
ICES
VCE=32V, VBE=0
20
nA
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
20
nA
VCE=5V, IC=10µA
100
VCE=5V, IC=2.0mA
380
630
DC Current Gain
hFE
VCE=1V, IC=50mA
100
IC=10mA, IB=0.25mA
0.35
V
Collector-Emitter Saturation Voltage
VCE (sat)
IC=50mA, IB=1.25mA
0.55
V
IC=10mA, IB=0.25mA
0.6
0.85
V
Base-Emitter Saturation Voltage
VBE (sat)
IC=50mA, IB=1.25mA
0.7
1.05
V
Base-Emitter On Voltage
VBE (on)
IC=2.0mA, VCE=5V
0.55
0.75
V
Current Gain Bandwidth Product
fT
IC=10mA, VCE=5V, f=100MHz
125
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
4.5
P
F
Noise Figure
NF
VCE=5V, IC=0.2mA, RS=2KΩ
f=1KHz
6
dB
Turn On Time
tON
IC=10mA, IB1=1.0mA
150
ns
Turn Off Time
tOFF
VBB=3.6V, IB2=1.0mA, R1=R2=5KΩ
RL=990Ω
800
ns


Similar Part No. - BCX70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 15
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Infineon Technologies A...
BCX70 INFINEON-BCX70 Datasheet
228Kb / 9P
NPN Silicon AF Transistors
Jan-29-2002
logo
Diotec Semiconductor
BCX70 DIOTEC-BCX70 Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BCX70 ZETEX-BCX70 Datasheet
65Kb / 2P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results

Similar Description - BCX70

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com