Electronic Components Datasheet Search
  English  ▼

X  

STR15100YD Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # STR15100YD
Description  Surface Mount Low VF Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

STR15100YD Datasheet(HTML) 3 Page - Pan Jit International Inc.

  STR15100YD Datasheet HTML 1Page - Pan Jit International Inc. STR15100YD Datasheet HTML 2Page - Pan Jit International Inc. STR15100YD Datasheet HTML 3Page - Pan Jit International Inc. STR15100YD Datasheet HTML 4Page - Pan Jit International Inc. STR15100YD Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STR15100YD
May 9,2022
STR15100YD-REV.01
Page 3
TYPICAL CHARACTERISTIC CURVES
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.5 Operating Temperature Derating Curve
0
3
6
9
12
15
18
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
1
10
100
1000
10000
0
20
40
60
80
100
V
R, Reverse Bias Voltage (V)
1
10
100
1000
10000
100000
20
40
60
80
100
Percent of Rated Reverse Voltage (%)
T
J = 125°C
T
J = 150°C
T
J = 25°C
T
J = 100°C
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 125°C
T
J = 25°C
T
J = 150°C
T
J = 100°C
0
20
40
60
80
100
120
0
25
50
75
100
125
150
T
J, Junction Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com