Electronic Components Datasheet Search
  English  ▼

X  

STR30100FCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # STR30100FCT
Description  Low VF Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

STR30100FCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  STR30100FCT Datasheet HTML 1Page - Pan Jit International Inc. STR30100FCT Datasheet HTML 2Page - Pan Jit International Inc. STR30100FCT Datasheet HTML 3Page - Pan Jit International Inc. STR30100FCT Datasheet HTML 4Page - Pan Jit International Inc. STR30100FCT Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STR30100FCT
March 4,2022
STR30100FCT-REV.00
Page 1
Low VF Schottky Barrier Rectifier
Voltage
100 V
Current
30 A
ITO-220AB
Features
 Low power loss, high efficiency
 High surge current capability
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : ITO-220AB Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0564 ounces, 1.6 grams
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Current
per device
per diode
IF(AV)
30
15
A
Peak Forward Surge Current : 8.3 ms Single Half Sine-
Wave Superimposed On Rated Load Per Diode
IFSM
200
A
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
800
pF
Typical Thermal Resistance
(Note 1)
(Note 1)
RθJC
RθJL
4
4
oC/W
Operating Junction Temperature Range
TJ
-55~150
oC
Storage Temperature Range
TSTG
-55~150
oC
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)


Similar Part No. - STR30100FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
STR30100CB PANJIT-STR30100CB Datasheet
327Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR30100CB_R2_00001 PANJIT-STR30100CB_R2_00001 Datasheet
327Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR30100CT PANJIT-STR30100CT Datasheet
310Kb / 5P
Low VF Schottky Barrier Rectifier
March 4,2022
STR30100CT_T0_00001 PANJIT-STR30100CT_T0_00001 Datasheet
310Kb / 5P
Low VF Schottky Barrier Rectifier
March 4,2022
More results

Similar Description - STR30100FCT

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com