Electronic Components Datasheet Search
  English  ▼

X  

STR5100SS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # STR5100SS
Description  Low VF Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

STR5100SS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  STR5100SS Datasheet HTML 1Page - Pan Jit International Inc. STR5100SS Datasheet HTML 2Page - Pan Jit International Inc. STR5100SS Datasheet HTML 3Page - Pan Jit International Inc. STR5100SS Datasheet HTML 4Page - Pan Jit International Inc. STR5100SS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STR5100SS
May 18,2022
STR5100SS-REV.00
Page 1
1
2
C a t h o d e
A n o d e
Low VF Schottky Barrier Rectifier
Voltage
100 V
Current
5 A
DO-201AD
Features
 Superfast recovery times-epitaxial construction
 Low forward voltage, high current capability
 Low leakage
 Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : DO-201AD Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 1.122 grams
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Current
IF(AV)
5
A
Peak Forward Surge Current : 8.3 ms Single Half Sine-
Wave Superimposed On Rated Load
IFSM
100
A
Typical Thermal Resistance
(Note 1)
(Note 1)
RθJC
RθJL
19
13
oC/W
Operating Junction Temperature Range
TJ
-55~150
oC
Storage Temperature Range
TSTG
-55~150
oC


Similar Part No. - STR5100SS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
STR5100AFC PANJIT-STR5100AFC Datasheet
193Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
STR5100AFC_R1_00701 PANJIT-STR5100AFC_R1_00701 Datasheet
193Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
STR5100BF PANJIT-STR5100BF Datasheet
251Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
STR5100BF_R2_00701 PANJIT-STR5100BF_R2_00701 Datasheet
251Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
More results

Similar Description - STR5100SS

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com