Electronic Components Datasheet Search
  English  ▼

X  

SK56 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SK56
Description  SK56 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SK56 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SK56 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SK56 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SK56 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SK56 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0940, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SK56
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMC
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
5.59
6.22
0.220
0.245
B
6.60
7.11
0.260
0.280
C
2.75
3.25
0.108
0.128
D
0.152
0.305
0.006
0.012
E
7.75
8.25
0.305
0.325
F
2.00
2.95
0.079
0.116
G
0.051
0.203
0.002
0.008
H
0.76
1.60
0.030
0.063
Ordering Information
Marking Diagram
Device
Package
Shipping
SK56
SMC (Pb-Free)
3000pcs / reel
SK56TR
SMC (Pb-Free)
3000pcs / reel
Carrier Tape Specification SMC
SYMBOL
Millimeters
Min.
Max.
A
5.90
6.10
B
8.20
8.40
C
2.40
2.60
d
1.40
1.60
E
1.40
1.60
F
7.60
7.70
P
7.90
8.10
P0
3.90
4.10
P1
3.90
4.10
T
-
0.600
W
15.80
16.20
Where XXXXX is YYWWL
SK
= Device Type
5
= Forward Current (5A)
6
= Reverse Voltage (60V)
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com