Electronic Components Datasheet Search
  English  ▼

X  

SMBD001030 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SMBD001030
Description  SMBD001030 SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMBD001030 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SMBD001030 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMBD001030 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMBD001030 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
Data Sheet N1963, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SMBD001030
SMBD001030 SCHOTTKY RECTIFIER
Characteristic
Symbol
Value
Units
Peak Reverse Voltage
VR
30
V
Average Rectified Output Current
IF(AV)
0.01
A
Forward Voltage
@IF = 10mA,TA = 25°C
@IF = 10mA,TA =125°C
VFM
0.70
0.45
V
Peak Reverse Current
@ VR=25V,TA = 25°C
IRM
0.2
µ
A
Total Device Dissipation
@ TA = 25°C
PF
200
mW
Total Capacitance (VR = 15 V, f = 1.0 MHz)
CT
2
pF
Operating Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings and Electrical Characteristics@TA=25°C unless otherwise specified
Schottky Barrier Chip
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
High-efficiency
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.008g


Similar Part No. - SMBD001030

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMBD001030 SMC-SMBD001030 Datasheet
128Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - SMBD001030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com