Electronic Components Datasheet Search
  English  ▼

X  

SS3L45 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SS3L45
Description  SS3L45 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SS3L45 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SS3L45 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SS3L45 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SS3L45 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SS3L45 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1823, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SS3L45
SS3L45 SCHOTTKY RECTIFIER
Parameter
Symbol
SS3L45
Units
Marking Code
3L45
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
45
V
Maximum RMS Voltage
VRMS
31
V
Maximum Average Forward Rectified Current
IF(AV)
3.0
A
Peak Forward Surge Current
8.3ms Single Half Sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
80
A
Maximum Instantaneous Forward Voltage*
@ IF = 3.0A
VF
0.45
V
Maximum DC Reverse Current* @TA = 25°C
At Rated DC Blocking Voltage* @TA = 100°C
IR
0.2
mA
100
Typical Thermal Resistance
RθJL
RθJA
17
55
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: Molded plastic
High temperature soldering: 260℃/10 seconds
at terminals
Polarity: Indicated by cathode band
Weight: 0.064 grams
For surface mounted application
Metal to sillicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SMAF


Similar Part No. - SS3L45

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SS3L45 SMC-SS3L45 Datasheet
150Kb / 5P
Metal to sillicon rectifier, majority carrier conduction
More results

Similar Description - SS3L45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com