Electronic Components Datasheet Search
  English  ▼

X  

IMT2A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # IMT2A
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT2A Datasheet(HTML) 1 Page - Unisonic Technologies

  IMT2A Datasheet HTML 1Page - Unisonic Technologies IMT2A Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC IMT2A
DUAL TRANSISTORS
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R215-003,A
GENERAL PURPOSE DUAL
TRANSISTOR
FEATURES
*Two 2SA1037 chips in a SMT package
MARKING
1
32
6
45
T 2
EQUIVALENT CIRCUITS
Tr2
Tr1
(1)
(2)
(3)
(4) (5)
(6)
SOT-26
PIN 1 : Collector (1)
PIN 4 : Base (2)
PIN 2 : Base (1)
PIN 5 : Emitter (2)
PIN 3 : Collector (2)
PIN 6 : Emitter (1)
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
Ic
150
mA
Collector Power Dissipation (total)
Pc
300 (note)
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 200mW per element must not be exceeded.


Similar Part No. - IMT2A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT2A ROHM-IMT2A Datasheet
58Kb / 1P
General purpose (dual transistors)
IMT2A ROHM-IMT2A Datasheet
76Kb / 3P
General purpose (dual transistors)
logo
Unisonic Technologies
IMT2A UTC-IMT2A Datasheet
146Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
Rohm
IMT2A ROHM-IMT2A Datasheet
67Kb / 3P
General purpose (dual transistors)
IMT2A ROHM-IMT2A Datasheet
67Kb / 3P
General purpose (dual transistors)
More results

Similar Description - IMT2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
Dual General Purpose Transistor
March, 2003 - Rev. 2
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
Leshan Radio Company
LMBT3904DW1T1 LRC-LMBT3904DW1T1 Datasheet
201Kb / 7P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Transistor
April, 2008 ??Rev. 0
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
Dual General Purpose Transistor
November, 2014 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com