Electronic Components Datasheet Search
  English  ▼

X  

9409 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9409
Description  High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, PVC Jkt, PLTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9409 Datasheet(HTML) 1 Page - Belden Inc.

  9409 Datasheet HTML 1Page - Belden Inc. 9409 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9409
High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, PVC Jkt, PLTC
Product Description
High Performance Instrumentation, 1 Pair 18AWG (19x30) Tinned Copper, PVC Insulation E2 Color Code, PVC Outer Jacket, PLTC
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation, Sensors, Valves, Positioners, 4-20mA, 0-10V
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
1
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.018 in (0.46 mm) 0.081 in (2.1 mm)
Black & Red
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.037 in (0.94 mm) 0.236 in (5.99 mm) Yes
Overall Cable Diameter (Nominal): 0.236 in (5.99 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
7.2 Ohm/1000ft
26 pF/ft (85 pF/m)
5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (PLTC, CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C to +105°C
Table Notes:
AWM 80°C
Bend Radius
Stationary Min. Installation Min.
2.4 in (61 mm)
2.4 in (61 mm)
Max. Pull Tension:
49 lbs (22 kg)
Bulk Cable Weight:
26 lbs/1000ft


Similar Part No. - 9409

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9409 KEYSTONE-9409 Datasheet
248Kb / 1P
6-32 BINDING HEAD SCREW
9409 KEYSTONE-9409 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Pepperl+Fuchs Inc.
9409 PF-9409 Datasheet
54Kb / 1P
Couplings
01.08.1998
logo
Molex Electronics Ltd.
94090-4080 MOLEX11-94090-4080 Datasheet
39Kb / 1P
2 Circuit Housing for Quick Disconnect Female Terminal, Accepts 6.35 x 0.81mm Tab
94090-4140 MOLEX11-94090-4140 Datasheet
36Kb / 1P
10.80mm Pitch Quick Disconnect Housing, accepts 6.35mm x 0.81mm Female Tab Terminal
More results

Similar Description - 9409

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9407 BELDEN-9407 Datasheet
165Kb / 2P
High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9408 BELDEN-9408 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9552 BELDEN-9552 Datasheet
202Kb / 2P
High Perform Instr, 2 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-28-2023
9556 BELDEN-9556 Datasheet
199Kb / 2P
High Perform Instr, 6 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
06-01-2023
9320 BELDEN-9320 Datasheet
168Kb / 2P
High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9369 BELDEN-9369 Datasheet
186Kb / 2P
High Perform Instr, 3 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9410 BELDEN-9410 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #16 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9411 BELDEN-9411 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #14 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9412 BELDEN-9412 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, PVC Jkt, PLTC
08-09-2023
9318 BELDEN-9318 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com