Electronic Components Datasheet Search
  English  ▼

X  

IMT17 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # IMT17
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT17 Datasheet(HTML) 3 Page - Unisonic Technologies

  IMT17 Datasheet HTML 1Page - Unisonic Technologies IMT17 Datasheet HTML 2Page - Unisonic Technologies IMT17 Datasheet HTML 3Page - Unisonic Technologies IMT17 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMT17
DUAL TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R215-006,A
■
TYPICAL CHARACTERICS
-500
-200
-100
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
0 -0.2-0.4-0.6-0.8-1.0-1.2-1.4-1.6-1.8-2.0-2.2
BASE TO EMITTER VOLTAGE , VBE (V)
Grounded Emitter Propagaton Characteristics
Ta = 100℃
Ta = 25℃
Ta = -40℃
VCE = -3V
-100
-80
-60
-40
-20
0
0-1
-2
-3
IB = 0A
-4
-5
COLLECTOR TO EMITTER VOLTAGE , VCE (V)
Grounded Emitter Output Characteristics (I)
-1mA
Ta = 25℃
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.7mA
-0.8mA
-0.9mA
-500
0
0-5
IB = 0A
-10
COLLECTOR TO EMITTER VOLTAGE , VCE (V)
Grounded Emitter Output Characteristics (II)
-1.0mA
-1.5mA
-0.5mA
-5.0mA
Ta = 25℃
-2.0mA
-2.5mA
-3.0mA
-3.5mA
-4.0mA
-4.5mA
-400
-300
-200
-100
1000
500
200
100
50
12
5
10
0.5
20
50
EMITTER CURRENT, IE (mA)
Gain Bandwidth Product vs. Emitter Current
Ta = 25℃
VCE = -5V
1000
500
200
100
50
20
-1 -2
-5 -10 -20 -50 -100-200-500-1000
COLLECTOR CURRENT, IC (mA)
DC Current Gain vs. Collector Current (I)
Ta = 25℃
VCE = -3V
VCE = -1V
VCE = -5V
1000
500
200
100
50
20
-1 -2
-5 -10 -20 -50 -100-200-500-1000
COLLECTOR CURRENT, IC (mA)
Ta = 100℃
VCE = -3V
Ta = 25℃
Ta = -40℃
DC Current Gain vs. Collector Current (II)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com