Electronic Components Datasheet Search
  English  ▼

X  

9526 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9526
Description  High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9526 Datasheet(HTML) 1 Page - Belden Inc.

  9526 Datasheet HTML 1Page - Belden Inc. 9526 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9526
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
Product Description
High Performance Instrumentation, 19 Pair 22AWG (7x30) Tinned Copper, PVC Insulation E2 Color Code, Overall Beldfoil® Shield, PVC Outer Jacket, PLTC
Technical Specifications
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
19
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.062 in (1.6 mm)
Black & Red and Numbered
Inner Shield
Material
No Shield
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.063 in (1.6 mm) 0.644 in
Yes
Overall Cable Diameter (Nominal): 0.644 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
18.61 Ohm/1000ft
26 pF/ft (85 pF/m)
45 pF/ft (150 pF/m)
2.4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
6.44 in (164 mm) 6.44 in


Similar Part No. - 9526

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9526 KEYSTONE-9526 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Integrated Device Techn...
952601YFLFT IDT-952601YFLFT Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
952601YGLFT IDT-952601YGLFT Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
952601YGLFT RENESAS-952601YGLFT Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
logo
KNIPEX
9526165 KNIPEX-9526165 Datasheet
205Kb / 2P
Cable Shears With opening spring
05.07.2021
More results

Similar Description - 9526

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9512 BELDEN-9512 Datasheet
170Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9513 BELDEN-9513 Datasheet
204Kb / 2P
High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9521 BELDEN-9521 Datasheet
198Kb / 2P
High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9527 BELDEN-9527 Datasheet
214Kb / 2P
High Perform Instr, 27 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9516 BELDEN-9516 Datasheet
207Kb / 2P
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9520 BELDEN-9520 Datasheet
201Kb / 2P
High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9335 BELDEN-9335 Datasheet
225Kb / 2P
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9514 BELDEN-9514 Datasheet
189Kb / 2P
High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9524 BELDEN-9524 Datasheet
221Kb / 2P
High Perform Instr, 15 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9322 BELDEN-9322 Datasheet
168Kb / 2P
High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com