Electronic Components Datasheet Search
  English  ▼

X  

MMBT5401 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT5401
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT5401 Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT5401 Datasheet HTML 1Page - Unisonic Technologies MMBT5401 Datasheet HTML 2Page - Unisonic Technologies MMBT5401 Datasheet HTML 3Page - Unisonic Technologies MMBT5401 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT5401
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R206-011.C
■
TYPICAL CHARACTERICS
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
-10
3
-10
2
-10
1
-10
0
-10
-1
VCE=-5V
Fig.3 Base-Emitter on Voltage
Base-Emitter voltage (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-5V
Fig.4 Saturation voltage
Fig.5 Current gain -bandwidth
product
Fig.1 Collector output Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
10
3
10
0
10
1
10
2
VCE=-10V
Collector-Base voltage (V)
-10
0
0
4
8
12
f=1MHz
IE=0
-10
-1
-10
-2
-10
1
-10
2
16
20
-10
1
-10
2
-10
3
-10
0
Ic,Collector current (mA)
-10
3
-10
2
-10
1
-10
0
-10
-1
Ic,Collector current (mA)
-10
3
-10
2
-10
1
-10
0
-10
-1
-10
0
-10
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com