Electronic Components Datasheet Search
  English  ▼

X  

MPSA05 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSA05
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA05 Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSA05 Datasheet HTML 1Page - Unisonic Technologies MPSA05 Datasheet HTML 2Page - Unisonic Technologies MPSA05 Datasheet HTML 3Page - Unisonic Technologies MPSA05 Datasheet HTML 4Page - Unisonic Technologies MPSA05 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC MPSA05/55
AMPLIFIER TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-034,A
NPN MPSA05
PNP MPSA55
FEATURES
*Collector-Emitter Voltage: VCEO=60V
*Collector Dissipation: PD=625mW
TO-92
1
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
4
V
Collector current - Continuous
Ic
500
mA
Total device dissipation, @TA=25°C
Derate above 25
°C
PD
625
5
mW
mW/
°C
Total device dissipation, @TC=25°C
Derate above 25
°C
PD
1500
12
mW
mW/
°C
Junction Temperature
Tj
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX
UNIT
Thermal resistance, junction to ambient
RθJA (note)
200
°C/W
Thermal resistance, junction to case
RθJC
83.3
°C/W
Note: RθJA is measured with the device soldered into a typical printed circuit board.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-emitter breakdown voltage
(note 1)
V(BR)CEO
IC=1.0mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, Ic=0
4
V
Collector cutoff current
ICES
VCE=60V, IB=0
0.1
µA
Collector cutoff current
ICBO
VCB=60V, IE=0
0.1
µA


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
MPSA05 FAIRCHILD-MPSA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA05 KEC-MPSA05 Datasheet
58Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
Amplifier Transistor
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
Amplifier Transistor
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
Amplifier Transistor
November, 2001 ??Rev. 1
logo
Motorola, Inc
MMBC1623L3 MOTOROLA-MMBC1623L3 Datasheet
192Kb / 6P
AMPLIFIER TRANSISTOR
logo
Unisonic Technologies
MMBTA06 UTC-MMBTA06 Datasheet
115Kb / 5P
AMPLIFIER TRANSISTOR
MPSA06 UTC-MPSA06 Datasheet
187Kb / 5P
AMPLIFIER TRANSISTOR
logo
Fairchild Semiconductor
KSP55 FAIRCHILD-KSP55 Datasheet
36Kb / 4P
Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
Amplifier Transistor
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com