Electronic Components Datasheet Search
  English  ▼

X  

MPSA44 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA44
Description  HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA44 Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA44 Datasheet HTML 1Page - Unisonic Technologies MPSA44 Datasheet HTML 2Page - Unisonic Technologies MPSA44 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCMPSA44/45 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R208-006,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Emitter cut-off current
IEBO
VEB=4V,Ic=0
0.1
µA
DC current gain(note)
hFE
VCE=10V,Ic=1mA
VCE=10V,Ic=10mA
VCE=10V,Ic=50mA
VCE=10V,Ic=100mA
40
50
45
40
240
Collector-emitter saturation voltage
VCE(sat)
Ic=1mA,IB=0.1mA
Ic=10mA,IB=1mA
Ic=50mA,IB=5mA
0.4
0.5
0.75
V
Base-emitter saturation voltage
VBE(sat)
Ic=10mA,IB=1mA
0.75
V
Current gain bandwidth product
fT
VCE=20V,Ic=10mA,
f=100MHz
50
MHz
Output capacitance
Cob
VCB=20V,IE=0
f=1MHz
7
pF
Note:Pulse test:PW<300
µs,Duty Cycle<2%
TYPICAL CHARACTERISTIC CURVES
10
1
10
2
10
3
10
4
10
0
-40
-20
0
20
40
60
80
100
120
140
VCE=10V
Fig.1 DC current gain
Ic,Collector current(mA)
10
0
10
1
10
2
10
-1
Fig.2 Turn-on switching times
VCE=150V
Ic/IB=10
Ta=25°C
VBE(OFF)=4V
Tf
Td
Ic,Collector current(mA)
10
0
10
1
10
2
Ic,Collector current(mA)
10
-1
Fig.3 Turn-off switching times
10
0
10
1
10
1
10
0
10
2
Ts
Tf
VCE=150V
Ic/IB=10
Ta=25°C
Fig.4 Capacitance
Fig.5 ON Voltage
10
1
10
2
10
3
10
0
10
-1
Collector voltage(V)
10
0
10
1
10
2
10
3
Cib
Cob
10
1
10
2
10
3
10
0
10
-1
Ic,Collector current(mA)
Ta=25°
C
0
0.2
0.4
0.6
0.8
1.0
VBE(sat),Ic/IB=10
VBE(ON),VCE=10V
VCE(sat),Ic/IB=10
Fig.6 Collector saturation region
Ib, base current(
µA)
10
1
10
2
10
3
10
4
10
5
0
0.2
0.4
0.3
0.1
0.5
Ta=25°
C
Ic=1mA
Ic=10mA
Ic=50mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com