Electronic Components Datasheet Search
  English  ▼

X  

1607727 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1607727
Description  ST-5ES1N8AW400S - Device connector front mounting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607727 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1607727 Datasheet HTML 1Page - PHOENIX CONTACT 1607727 Datasheet HTML 2Page - PHOENIX CONTACT 1607727 Datasheet HTML 3Page - PHOENIX CONTACT 1607727 Datasheet HTML 4Page - PHOENIX CONTACT 1607727 Datasheet HTML 5Page - PHOENIX CONTACT 1607727 Datasheet HTML 6Page - PHOENIX CONTACT 1607727 Datasheet HTML 7Page - PHOENIX CONTACT 1607727 Datasheet HTML 8Page - PHOENIX CONTACT 1607727 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting, straight, for standard and SPEEDCON interlock, M17, number
of positions: 5+PE, contact connection type: Socket, shielded: yes, flange dimensions: 21.6 mm
x 21.6 mm, degree of protection: IP67, number of positions: 6, connection method: Crimp
connection, series: ST
Your advantages
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible mounting, thanks to snap-in contact inserts
•
Commercial data
Item number
1607727
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB35
Product key
ABRBEL
Catalog page
Page 135 (C-2-2019)
GTIN
4046356274296
Weight per piece (including packing)
37 g
Weight per piece (excluding packing)
27 g
Customs tariff number
85366990
Country of origin
DE
ST-5ES1N8AW400S - Device connector front
mounting
1607727
https://www.phoenixcontact.com/us/products/1607727
Oct 10, 2023, 5:12 AM
Page 1 (13)


Similar Part No. - 1607727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607720 PHOENIX-1607720 Datasheet
553Kb / 14P
ST-5ES1N8A8004S - Cable connector
1607723 PHOENIX-1607723 Datasheet
553Kb / 15P
ST-5ES1N8A9003S - Coupler connector
1607724 PHOENIX-1607724 Datasheet
579Kb / 15P
ST-5ES1N8A9004S - Coupler connector
1607728 PHOENIX-1607728 Datasheet
164Kb / 9P
Device connector, front mounting - ST-5ES1N8AWQ00S
09/11/2020
1607729 PHOENIX-1607729 Datasheet
252Kb / 7P
HC-M-KV-M40(27-34) - Cable gland
More results

Similar Description - 1607727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607746 PHOENIX-1607746 Datasheet
1Mb / 15P
ST-7EP1N8AW400S - Device connector front mounting
1613590 PHOENIX-1613590 Datasheet
639Kb / 16P
ST-7EP1N8A6100S - Device connector front mounting
1619218 PHOENIX-1619218 Datasheet
537Kb / 15P
ST-7ES1N8AW500S - Device connector front mounting
1607694 PHOENIX-1607694 Datasheet
1Mb / 14P
ST-3ES1N8AWQ00S - Device connector front mounting
1619206 PHOENIX-1619206 Datasheet
644Kb / 14P
ST-17S1N8AWK00S - Device connector front mounting
1607675 PHOENIX-1607675 Datasheet
1Mb / 13P
ST-3EP1N8AWQ00S - Device connector front mounting
1607709 PHOENIX-1607709 Datasheet
1Mb / 13P
ST-5EP1N8AAD00S - Device connector front mounting
1607710 PHOENIX-1607710 Datasheet
1Mb / 13P
ST-5EP1N8AW400S - Device connector front mounting
1619214 PHOENIX-1619214 Datasheet
523Kb / 13P
ST-5ES1N8AW500S - Device connector front mounting
1613567 PHOENIX-1613567 Datasheet
1Mb / 9P
ST-6EP1N8AAD00S - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com