Electronic Components Datasheet Search
  English  ▼

X  

TIP32C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP32C
Description  PNP EXPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP32C Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP32C Datasheet HTML 1Page - Unisonic Technologies TIP32C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCTIP32C
PNPEXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-009,A
PNP EXPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC TIP32C is a PNP expitaxial planar transistor,
designed for using in general purpose amplifier and switching
applications.
FEATURE
*Complement to tip31C
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Collector Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter To Base Voltage
VEBO
-5
V
Collector Current(DC)
Ic
-3
A
Collector Current(Pulse)
Ic
-5
A
Base Current
IB
-1
A
Collector Dissipation(Tc=25
°C)
Pc
40
W
Collector Dissipation(Ta=25
°C)
Pc
2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Tc=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector emitter Sustaining voltage(*)
BVCEO
IC=-30mA,IB=0
-100
V
Collector Cutoff Current
ICES
VCE=-100V,VEB=0
-200
µA
Collector Cutoff Current
ICEO
VCE=-60V,IB=0
-0.3
mA
Emitter Cutoff current
IEBO
VBE=-5V,Ic=0
-1
mA
Collector-Emitter saturation Voltage(*)
VCE(sat)
IC=-3A,IB=-375mA
-1.2
V
Base-Emitter On voltage(*)
VBE(on)
IC=-3A,VCE=-4A
-1.8
V
DC Current Gain(*)
hFE1
IC=-1A,VCE=-4V
IC=-3A,VCE=-4V
25
10
50
Current Gain Bandwidth Product
fT
IC=-0.5A,VCE=-10V
f=1MHz
3
MHz
*Pulse Test: PW<=300
µs, Duty Cyle<=2%


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP32C UTC-TIP32C_05 Datasheet
116Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
PNP Silicon Expitaxial Planar Transistor
logo
Unisonic Technologies
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_09 Datasheet
136Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
logo
Unisonic Technologies
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_15 Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Dongguan Pingjingsemi T...
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
PNP Silicon Expitaxial Planar Transistor
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
PNP Silicon Expitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com