Electronic Components Datasheet Search
  English  ▼

X  

TIP110A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP110A
Description  LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP110A Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP110A Datasheet HTML 1Page - Unisonic Technologies TIP110A Datasheet HTML 2Page - Unisonic Technologies TIP110A Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCTIP110A
PNPEXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-004,A
LOW SATURATION VOLTAGE PNP
DARLINGTON TRANSISTOR
DESCRIPTION
The UTC TIP110A is designed for using in general purpose
amplifier and switching applications.
FEATURE
*Low VCE(sat)
*High current gain
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
MAXIMUM RATINGS(Ta=25°C)
CHARACTERISTICS
SYMBOL
VALUE
UNITS
Collector Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter To base Voltage
VEBO
5
V
Collector Current
IC
10
A
Junction Temperature
Tj
150(Max)
°C
Storage Temperature
Tstg
-55 ~ +150
°C
Total Power Dissipations
PD
65
W
CHARACTERISTICS(Ta=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BVCEO
IC=100mA
30
V
ICBO
VCB=40V
1
µA
ICEO
VCE=20V
1
µA
IEBO
VEB=5V
100
nA
VCE(SAT)
IC=10A,IB=10mA
2.0
V
VBE(ON)
IC=5mA,VCE=2.0V
2.0
V
hFE1
IC=500mA,VCE=2.0V
2
60
K
hFE2
IC=10A,VCE=2.0V
1
20
60
K


Similar Part No. - TIP110A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TIP110A FCI-TIP110A Datasheet
109Kb / 2P
TTIP110A PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
TIP110A UTC-TIP110A Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
TIP110AG-TA3-T UTC-TIP110AG-TA3-T Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
TIP110AG-TA3-T UTC-TIP110AG-TA3-T Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
TIP110AL-TA3-T UTC-TIP110AL-TA3-T Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
More results

Similar Description - TIP110A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
PNP Low Saturation Transistor
logo
Unisonic Technologies
UP1868 UTC-UP1868 Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
PNP Low Saturation Transistor
logo
Unisonic Technologies
UP1868 UTC-UP1868_07 Datasheet
106Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
TIP110A UTC-TIP110A_09 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
UP1868 UTC-UP1868_15 Datasheet
188Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
TIP110A UTC-TIP110A_15 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZXTP19020CFF DIODES-ZXTP19020CFF_16 Datasheet
337Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
ZXTP19020DFF DIODES-ZXTP19020DFF_17 Datasheet
369Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com