Electronic Components Datasheet Search
  English  ▼

X  

U18 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U18
Description  BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U18 Datasheet(HTML) 3 Page - Unisonic Technologies

  U18 Datasheet HTML 1Page - Unisonic Technologies U18 Datasheet HTML 2Page - Unisonic Technologies U18 Datasheet HTML 3Page - Unisonic Technologies U18 Datasheet HTML 4Page - Unisonic Technologies U18 Datasheet HTML 5Page - Unisonic Technologies U18 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U18
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R118-007,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
2.5V ~ 20V
V
Supply Current
ICC
10
mA
Circuit Current
IOUT
20
mA
Power Dissipation
PD
400
mW
Operating Temperature
TOPR
-20~+125
℃
Storage Temperature
TSTG
-40~+150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+125℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VCC=16V,IOUT=12mA,B=30mT
0.7
V
Low-Level Output Voltage
VOL
VCC=3.6V,IOUT=12mA,B=30mT
0.7
V
Output Leakage Current
IO(LEAK)
VCC=16V,B=-30mT
1
10
µA
Output Short Circuit Current
-Ios
VCC=16V,VOUT=0V,B=-30mT
0.8
mA
VCC=16V
6
mA
Supply Current
ICC
VCC=3.6V
5.5
mA
MAGNETIC CHARACTERISTICS
Operate Point
BOP
At Ta = +25℃
5
mT
Release Point
BRP
At Ta = +25℃
-5
mT
Hysteresis
BHYS
At Ta = +25℃
5.5
mT
Note 1.BOP = operate point (output turns ON ); BRP = release point ( output turns OFF); BHYS = hysteresis
(BOP –BRP).As used here, negative flux densities are defined as less than zero (algebraic convention).
Typical values are at Ta = +25
and V
℃
CC = 12V.
2.1mT=10 gauss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com