Electronic Components Datasheet Search
  English  ▼

X  

UT131 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT131
Description  TRIACS LOGIC LEVEL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT131 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT131 Datasheet HTML 1Page - Unisonic Technologies UT131 Datasheet HTML 2Page - Unisonic Technologies UT131 Datasheet HTML 3Page - Unisonic Technologies UT131 Datasheet HTML 4Page - Unisonic Technologies UT131 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC UT131
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R401-006,C
TYPICAL CHARACTERISTICS
1ms
100us
10us
1000
T/s
Figure 2. Maximum Permissible Non-repetitive
Peak On-state Current ITSM,vs Pulse Width
tp,for Sinusoidal Currents,tp
≤ 20ms
10
100
1
0.4
0.6
0.8
0.2
0
1.4
0.4
IT(RMS)/A
Figure 1.Maximum on -state Dissipation.Ptot vs RMS On-
state Current,IT(RMS),Where
α =conduction Angle.
1
0
1.2
1.2
0.8
0.6
0.2
10ms
100ms
100
150
-50
50
0
1.2
0.4
Tsp/
℃
0.8
1
0.6
0.2
0
104
119
110
125
107
113
116
122
Ptot/W
Tsp(max)/C
α =180
α =120
α =90
α =60
α =30
α
α
Figure 4.Maximum Permissible RMS Current IT(RMS)
vs Lead Temperature Tlead
IT(RMS)/A
108
℃
ITSM/A
IT
ITSM
time
Tj initial=25
℃max
dIT/dt limit
T2-G+ quadrant
3
1
Surge Duration /S
2.0
2.5
1.5
0.5
0
Figure 5.Maximum Permissible Repetitive RMS on-state
Current IT(RMS),vs Surge Duration,for Sinusoidal
Currents,f=50Hz;Tlead
≤ 51℃
IT(RMS)/A
0.01
0.1
1
10
12
4
Number of Cycles at 50Hz
8
10
6
2
0
Figure 3 .Maximum Permissible Non-Repetitive
peak on-state Current ITSM,vs Number of Cycles,
for Sinusoidal Currents,f=50Hz
10
100
ITSM/A
11000
IT
time
ITSM
Tj initial=25
℃max
100
150
-50
50
0
1.6
0.8
Tj/
℃
1.2
1.4
1
0.6
0.4
Figure 6.Normalised Gate Trigger Voltage VGT(Tj)/
VGT(25
℃),vs Junction Temperature Tj
VGT(25
℃)
VGT(Tj
)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com