Electronic Components Datasheet Search
  English  ▼

X  

UT134E Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT134E
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT134E Datasheet(HTML) 2 Page - Unisonic Technologies

  UT134E Datasheet HTML 1Page - Unisonic Technologies UT134E Datasheet HTML 2Page - Unisonic Technologies UT134E Datasheet HTML 3Page - Unisonic Technologies UT134E Datasheet HTML 4Page - Unisonic Technologies UT134E Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC UT134E
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R401-007,B
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the traic may switch
to the on-state. The rate of rise of current should not exceed 3A/
µs.
THERMAL RESISTANCES
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal resistance Junction to mounting base
Full cycle
Half cycle
Rth j-mb
3.0
3.7
K/W
Thermal resistance Junction to ambient
(In free air)
Rth j-a
100
K/W
STATIC CHARACTERISTICS (Tj=25°C, unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gate trigger current
IGT
VD = 12 V; IT = 0.1 A
T2+ G+
T2+ G-
T2- G-
T2- G+
2.5
4.0
5.0
11
10
10
10
25
mA
Latching current
IL
VD = 12 V; IGT = 0.1 A
T2+ G+
T2+ G-
T2- G-
T2- G+
3.0
10
2.5
4.0
15
20
15
20
mA
Holding current
IH
VD = 12 V; IGT = 0.1 A
2.2
15
mA
On-state voltage
VT
IT = 5 A
1.4
1.7
V
VD = 12 V; IT = 0.1 A
0.7
1.5
V
Gate trigger voltage
VGT
VD = 400V ; IT = 0.1 A; Tj =125°C
0.25
0.4
V
Off-state leakage current
ID
VD = VDRM(max) ; Tj = 125 °C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS(Tj=25°C, unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Critical rate of rise of Off-state
voltage
dVD /dt
VDM = 67% VDRM(max) ; Tj =125°C;
exponential waveform; gate open
circuit
50
V/µs
Gate controlled turn-on time
tgt
ITM = 6 A; VD= VDRM(max) ; IG=0.1A;
dIG/dt=5A/µs
2
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com