Electronic Components Datasheet Search
  English  ▼

X  

UT134G Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT134G
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT134G Datasheet(HTML) 1 Page - Unisonic Technologies

  UT134G Datasheet HTML 1Page - Unisonic Technologies UT134G Datasheet HTML 2Page - Unisonic Technologies UT134G Datasheet HTML 3Page - Unisonic Technologies UT134G Datasheet HTML 4Page - Unisonic Technologies UT134G Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT134F/G
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R401-008,B
TRIACS
DESCRIPTION
Glass passivated triacs in a plastic envelope, intended for use in
applications requiring highbidirectional transient and blocking
voltage capability and high thermal cycling performance. Typical
applications include motor control, industrial and domestic
lighting, heating and static switching.
SYMBOL
MT2
MT1
G
TO-126
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive peak off-state voltages
UT134F/G-5
UT134F/G-6
UT134F/G-8
VDRM
500
600*
800
V
RMS on-state current
full sine wave; Tmb ≤107 °C
IT(RMS)
4
A
Non-repetitive peak on-state current
(Full sine wave; Tj = 25 °C prior to surge)
t = 20ms
t = 16.7 ms
ITSM
25
27
A
I2t for fusing
t = 10 ms
I2t
3.1
A2s
Repetitive rate of rise of on-state current after triggering
ITM = 6 A; IG = 0.2A;dIG /dt = 0.2A/μs
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT /dt
50
50
50
10
A/μs
Peak gate voltage
VGM
5
V
Peak gate current
IGM
2
A
Peak gate power
PGM
5
W
Average gate power (over any 20 ms period)
PG(AV)
0.5
W
Storage temperature
Tstg
-40 ~ 150
℃
Operating junction temperature
Tj
125
℃


Similar Part No. - UT134G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT134E UTC-UT134E Datasheet
132Kb / 5P
TRIACS
UT134E-5-T60-K UTC-UT134E-5-T60-K Datasheet
245Kb / 6P
TRIAC
UT134E-6-T60-K UTC-UT134E-6-T60-K Datasheet
245Kb / 6P
TRIAC
UT134E-8-T60-K UTC-UT134E-8-T60-K Datasheet
245Kb / 6P
TRIAC
UT134E UTC-UT134E_15 Datasheet
245Kb / 6P
TRIAC
More results

Similar Description - UT134G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com