Electronic Components Datasheet Search
  English  ▼

X  

UT137E Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT137E
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT137E Datasheet(HTML) 1 Page - Unisonic Technologies

  UT137E Datasheet HTML 1Page - Unisonic Technologies UT137E Datasheet HTML 2Page - Unisonic Technologies UT137E Datasheet HTML 3Page - Unisonic Technologies UT137E Datasheet HTML 4Page - Unisonic Technologies UT137E Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT137E
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-012,C
TRIACS
DESCRIPTION
Passivated , sensitive gate triacs in a plastic envelope, intended
for use in general purpose bidirectional switching and phase
control applications, where high sensitivity is required in all four
quadrants.
SYMBOL
MT2
MT1
G
TO-220
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltage
UT137E-5
UT137E-6
UT137E-8
VDRM
500*
600*
800
V
RMS On-state Current
Full sine wave; Tmb≤102
°C
IT(RMS)
8
A
Non-Repetitive Peak. On-State Current
Full sine wave; Tj=25
°C prior to surge
t=20ms
t=16.7ms
ITSM
65
71
A
I2t For Fusing (t=10ms)
I2t
21
A2s
Repetitive Rate of Rise of On-state Current after Triggering
ITM=12A;IG=0.2A,dIG/dt=0.2A/
µs
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT /dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (Over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 6A/
µs.


Similar Part No. - UT137E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT137F UTC-UT137F Datasheet
199Kb / 5P
TRIACS
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
TRIACS
UT137FG UTC-UT137FG Datasheet
144Kb / 5P
TRIACS
UT137G UTC-UT137G Datasheet
199Kb / 5P
TRIACS
More results

Similar Description - UT137E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com