Electronic Components Datasheet Search
  English  ▼

X  

UT138FE Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT138FE
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FE Datasheet(HTML) 1 Page - Unisonic Technologies

  UT138FE Datasheet HTML 1Page - Unisonic Technologies UT138FE Datasheet HTML 2Page - Unisonic Technologies UT138FE Datasheet HTML 3Page - Unisonic Technologies UT138FE Datasheet HTML 4Page - Unisonic Technologies UT138FE Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT138FE
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-019,B
TRIACS
DESCRIPTION
Glass passivated , sensitive gate triacs in a full plastic envelope,
intended for use in general purpose bidirectional switching and
phase control aplications, where high sensitivity is required in all
four quadrants.
SYMBOL
MT2
MT1
G
TO-220F
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS ( Tj=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Repetitive Peak Off-State Voltages
UT138FE-5
UT138FE-6
UT138FE-8
VDRM
500*
600*
800
V
RMS On-state Current
(Full sine wave; Ths≤56
°C)
IT(RMS)
12
A
Non-repetitive Peak. On-State Current
(Full sine wave, Tj=125
°C prior to surge, with reapplied
VDRM(max)
t=20ms
t=16.7ms
ITSM
90
100
A
I2t For Fusing (t=10ms)
I2t
40
A2s
Repetitive Rate of Rise of On-state Current after Triggering
(ITM=20A,IG=0.2A, dIG/dt=0.2A/
µs)
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT/dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (over any 20 ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15A/
µs.


Similar Part No. - UT138FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT138F UTC-UT138F Datasheet
198Kb / 5P
TRIACS
UT138FF UTC-UT138FF Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
UT138FF/FG-5 UTC-UT138FF/FG-5 Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
UT138FF/FG-6 UTC-UT138FF/FG-6 Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
UT138FF/FG-8 UTC-UT138FF/FG-8 Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
More results

Similar Description - UT138FE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com