Electronic Components Datasheet Search
  English  ▼

X  

BUT211X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUT211X
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT211X Datasheet(HTML) 2 Page - NXP Semiconductors

  BUT211X Datasheet HTML 1Page - NXP Semiconductors BUT211X Datasheet HTML 2Page - NXP Semiconductors BUT211X Datasheet HTML 3Page - NXP Semiconductors BUT211X Datasheet HTML 4Page - NXP Semiconductors BUT211X Datasheet HTML 5Page - NXP Semiconductors BUT211X Datasheet HTML 6Page - NXP Semiconductors BUT211X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT211X
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 9.0 V; IC = 0 A
-
-
10.0
mA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
400
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 3.0 A; IB = 0.4 A
-
0.8
2.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 3.0 A; IB = 0.4 A
-
-
1.3
V
h
FE
DC current gain
I
C = 1.0 A; VCE = 2 V
13
21
30
h
FE
I
C = 3.0 A; VCE = 2 V
7.5
11
-
h
FE
Gain bands
2
1I
C = 1.0 A; VCE = 2 V
13
-
20
(Acceptance limits)
2
18
-
25
323
-
30
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times resistive load
I
Con = 3.0 A; IBon = 0.3 A; -IBoff = 0.6 A
t
s
Turn-off storage time
1.5
2.0
µs
t
f
Turn-off fall time
0.5
0.8
µs
Switching times inductive load
I
Con = 3.0 A; IBon = 0.3 A; LB = 1 µH;
-V
BB = 5 V
t
s
Turn-off storage time
1.0
1.2
µs
t
f
Turn-off fall time
60
100
ns
I
Con = 3.0 A; IBon = 0.3 A; LB = 1 µH;
-V
BB = 5 V; Tj = 100 ˚C
t
s
Turn-off storage time
1.1
1.4
µs
t
f
Turn-off fall time
120
250
ns
1 Measured with half sine-wave voltage (curve tracer).
2 Gain Banding.
Product is divided into 3 gain bands for matching purposes.
The gain band is printed on the device.
All devices within a device rail will be from the same gain band.
However, a box may contain rails from more than one band.
Band quantities are shown on the box label.
It is not possible to order specific gain bands.
March 1996
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com