Electronic Components Datasheet Search
  English  ▼

X  

BUW11F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUW11F
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW11F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUW11F Datasheet HTML 3Page - NXP Semiconductors BUW11F Datasheet HTML 4Page - NXP Semiconductors BUW11F Datasheet HTML 5Page - NXP Semiconductors BUW11F Datasheet HTML 6Page - NXP Semiconductors BUW11F Datasheet HTML 7Page - NXP Semiconductors BUW11F Datasheet HTML 8Page - NXP Semiconductors BUW11F Datasheet HTML 9Page - NXP Semiconductors BUW11F Datasheet HTML 10Page - NXP Semiconductors BUW11F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Aug 14
7
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW11F; BUW11AF
Fig.7 DC current gain; typical values.
Tj = 125 °C.
handbook, halfpage
MBC095
IC (A)
10−2
10−1
110
102
10
2
10
hFE
1
1V
VCE = 5 V
Fig.8 Test circuit resistive load.
VCC = 250 V; tp =20 µs; VIM = −6 to +8 V; tp/T = 0.01.
The values of RB and RL are selected in accordance with ICon and
IBon requirements.
handbook, halfpage
MGE244
VCC
D.U.T.
RL
RB
VIM
tp
T
0
Fig.9
Switching time waveforms with
resistive load.
tr ≤ 20 ns.
handbook, halfpage
MBB731
t
90%
10%
90%
10%
IC
IB
IB on
IB off
IC on
tr ≤30 ns
ts
tf
ton
t
Fig.10 Test circuit inductive load and reverse
bias SOAR.
VCL = up to 1000 V; VCC = 30 V; VBE = −1Vto −5 V; LB =1 µH;
LC = 200 µH.
andbook, halfpage
MGE246
+IB
−VBE
LB
LC
VCC
D.U.T.
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com