Electronic Components Datasheet Search
  English  ▼

X  

802 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 802
Description  3/4 STRINGS Xmas LIGHT CONTROL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

802 Datasheet(HTML) 1 Page - Unisonic Technologies

  802 Datasheet HTML 1Page - Unisonic Technologies 802 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC801/802
INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R120-001,B
3/4 STRINGS Xmas LIGHT
CONTROL
FEATURES
*Adjustable flash rate.
*Programmable 2/3/4 strings of bulbs.
*UTC 801 sequential mode for about 57 sec. 4 light
string flash for about 3 sec. according to normal fosc.
then back to sequential again.
*UTC 802 sequential mode only.
APPLICATION
*Xmas light controller, any AC control toys.
DIP-8
PIN CONFIGURATIONS
ELECTRICAL CHARACTERISTICS (@VDD=3.6V unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Operating Voltage
VDD
-
3.6
5
V
Operating Current
IOP
No load
-
-
-
mA
Quiescent Current
ISB
-
-
-
µA
Driving Current
IOH
@VDS=1.2V
-
0.02
-
mA
Oscillator Frequency
FOSC
External
± 30%, Rosc ~ 150kΩ
-
150
-
Hz
Operating Temperature
Temp.
0
25
60
°C
1
2
3
4
7
6
5
S2
Y
Vss
S1
8
X
S4
VDD
S3


Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Alpha Wire
802 ALPHAWIRE-802 Datasheet
165Kb / 2P
M8 Plastic Passive I/O Box
More results

Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
M80056B ETC1-M80056B Datasheet
120Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
M80056B-1 ETC1-M80056B-1 Datasheet
124Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
8 FUNCTIONS XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M80002-4 ETC2-M80002-4 Datasheet
107Kb / 4P
4 STRINGS XMAS LIGHT CONTROL
logo
Unisonic Technologies
1668 UTC-1668_18 Datasheet
151Kb / 5P
DUAL TONE MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
M80002 MOSDESIGN-M80002 Datasheet
109Kb / 1P
3/4 STRINGS XMAS LIGHT CONTROL
2001-09-13
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com