Electronic Components Datasheet Search
  English  ▼

X  

1607 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1607
Description  6 TONES SIREN/ALARM SOUND GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1607 Datasheet(HTML) 1 Page - Unisonic Technologies

  1607 Datasheet HTML 1Page - Unisonic Technologies 1607 Datasheet HTML 2Page - Unisonic Technologies 1607 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
1607
CMOS IC
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R502-041,B
6 TONES SIREN/ALARM
SOUND GENERATOR
DESCRIPTION
The UTC 1607 is a CMOS IC and design for 6 different
alarm sounds application. The sound of UTC 1607 will
be generated in cycling sequence.
FEATURES
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* Low stand by current.
* CMOS process.
DIP-8
*Pb-free plating product number: 1607L
PIN CONFIGURATIONS
PIN
NO.
PIN
NAME
I/O
FUNCTION
1
OSC2
I
2
OSC1 O
Oscillator pin with
external resistor.
3
INI
I
An internal pull-up
resistor. Might
disable BZ1, BZ2,
when connected to
GND.
4
GND
Power supply pin (-)
5
BZ1
O
6
BZ2
O
Audio output pins
7
VDD
Power supply pin (+)
8
NC
No connecting
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
1607-D08-T
1607L-D08-T
DIP-8
Tube
PIN CONFIGURATION
BZ1
GND
BZ2
NC
VDD
OSC2
OSC1
INI
4
3
2
18
7
6
5
UTC 1607


Similar Part No. - 1607

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1607 WELWYN-1607 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
1607 ETC2-1607 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
TT Electronics.
1607 TTELEC-1607 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
1607 TTELEC-1607 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
1607 TTELEC-1607 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
More results

Similar Description - 1607

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Silvan Chip Electronics...
GE6065B SILVAN-GE6065B Datasheet
164Kb / 3P
1/6 Tones Alarm Generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com