Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 4066
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066 Datasheet(HTML) 6 Page - Unisonic Technologies

  4066 Datasheet HTML 1Page - Unisonic Technologies 4066 Datasheet HTML 2Page - Unisonic Technologies 4066 Datasheet HTML 3Page - Unisonic Technologies 4066 Datasheet HTML 4Page - Unisonic Technologies 4066 Datasheet HTML 5Page - Unisonic Technologies 4066 Datasheet HTML 6Page - Unisonic Technologies 4066 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-009,C
AC TEST CIRCUITS AND SWITCHING TIME WAVEFORMS(Cont.)
VC(1)=VDD
5V
VOS (1)
RL
1kΩ
FIGURE 5. Crosstalk Between Any Two Switches
VIS(1)
-5V
VC(2)=Vss
5V
VOS (2)
RL
1kΩ
-5V
VIS (2)=0V
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1OF4
SWITCHES
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1OF4
SWITCHES
1/f
2.5V
VIS 0V
-2.5V
90%
10%
VDD
0V
VC
VOS
tf=20ns
/IN
Vc
10V
VOS
RL
10kΩ
VIS
CL
50pF
RIN
1kΩ
FIGURE 6. Crosstalk: Control Input to Signal Output
tf=20ns
CROSSTALK
CONTROL
IN/OUT
Vss
1OF4
SWITCHES
VDD
OUT
VDD
0V
VC
VOS
Vc
VOS
RL
1kΩ
VIS=VDD
CL
50pF
FIGURE 7 . Maximum Control Input Frequency
VDD
tf
tf
90%
50%
50%
10%
10%
1/f
VOS 1kHz
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1OF4
SWITCHES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com