Electronic Components Datasheet Search
  English  ▼

X  

4124 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4124
Description  HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4124 Datasheet(HTML) 1 Page - Unisonic Technologies

  4124 Datasheet HTML 1Page - Unisonic Technologies 4124 Datasheet HTML 2Page - Unisonic Technologies 4124 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC4124
NPN TRIPLE DIFFUSED SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com
QW-R204-019,A
HIGH FREQUENCY SWITCHING
TRANSISTORS FOR BALLASTERS
DESCRIPTION
UTC 4124 is designed for specially used for electronic
ballasters in 110VAC environment.
FEATURES
* Triple diffused technology.
* High switching speed
TO-126
1
1: BASE 2: COLLECTOR 3: EMITTER
*Pb-free plating product number:4124L
ABSOLUTE MAXIMUM RATINGS
(Tc = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
200
V
Collector-Emitter Voltage
VEBO
7
V
Peak Collector Current
IC
1.5
A
Peak Collector Consume Dissipation
PC
20
W
Peak Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Ta = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Sustaining Voltage
VCEO (SUS) IC=10mA, IB=0
200
V
Collector-Base Breakdown Voltage
V (BR) CBO
IC=1mA, IB=0
400
V
Emitter-Base Breakdown Voltage
V (BR) EBO
IE=1mA, IC=0
7
V
Collector-Base Cutoff Current
ICBO
VCB=400V, IE=0
100
µA
Collector-Emitter Cutoff Current
ICEO
VCE=200V, IB=0
100
µA
Emitter-Base Cutoff Current
IEBO
VEB=7V, Ic=0
100
µA
hFE (1)
VCE=10V, Ic=0.2A
10
60
DC Current Gain
hFE (2)
VCE=5V, Ic=1.5A
5
40
IC=0.4A, IB=0.1A
0.5
V
Collector-Emitter Saturation Voltage
VCE (sat)
IC=1.5A, IB=0.5A
2
V
Base-Emitter Saturation Voltage
VBE (sat)
IC=0.8A, IB=0.2A
1.2
V
Fall Time
tf
IC=1A, IB1= -IB2 = 0.2A
0.7
µs
Storage Time
ts
IC=1A, IB1= -IB2 = 0.2A
4
µs
Cut-off Frequency
fT
VCE=10V, Ic=0.1A
4
MHz


Similar Part No. - 4124

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4124 FILTRONIC-4124 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
Peregrine Semiconductor...
4124 PEREGRINE-4124 Datasheet
265Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
logo
API Technologies Corp
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
More results

Similar Description - 4124

ManufacturerPart #DatasheetDescription
logo
Rohm
RN141G ROHM-RN141G Datasheet
121Kb / 3P
High frequency switching
logo
Unisonic Technologies
4126 UTC-4126 Datasheet
107Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4128 UTC-4128 Datasheet
128Kb / 2P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
New Jersey Semi-Conduct...
2N4996 NJSEMI-2N4996 Datasheet
124Kb / 1P
HIGH-FREQUENCY TRANSISTORS
logo
Unisonic Technologies
4128 UTC-4128_15 Datasheet
132Kb / 2P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4124 UTC-4124_15 Datasheet
135Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4126 UTC-4126_15 Datasheet
112Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
Infineon Technologies A...
IPD096N08N3G INFINEON-IPD096N08N3G_14 Datasheet
360Kb / 9P
Ideal for high frequency switching
Rev. 2.2 2014-05-19
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
Ideal for high frequency switching
Rev. 2.2 2014-05-19
BSZ097N10NS5 INFINEON-BSZ097N10NS5 Datasheet
1Mb / 12P
Ideal for high frequency switching
Rev.2.1,2014-05-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com