Electronic Components Datasheet Search
  English  ▼

X  

ATS665LSG Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS665LSG_05 Datasheet HTML 5Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 6Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 12Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
SENSOR OPERATION: SWITCHPOINTS
Switchpoints in the ATS665 are established dynamically as a percentage of the amplitude of the normalized magnetic
signal. Two DACs track the peaks of the normalized magnetic signal (see the section on Update); the switching thresholds
are established at 30% and 70% of the two DAC’s values. The proximity of the thresholds near 50% ensures the most
accurate and consistent switching where the signal is steepest and least affected by air gap variation.
The hysteresis of 40% provides high air gap performance and immunity to false switching on noise, vibration, backlash and
other transient events. Since the hysteresis value is independent of air gap, it provides protection against false switching in
the presence of overshoot that can be induced on the edges of large teeth.
The figure below graphically demonstrates the establishment of the switching threshold levels.
Switching Threshold Levels
0 %
100 %
70 %
30 %
Bop
Brp
Because the threshold are established dynamically as a percentage of the peak-peak signal, the effect of a baseline shift is
minimized. As a result, the effects of offsets induced by tilted or off-center installation are minimized.
Final Version, Rev 2.0; MN; 19Dec05
Page 9
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995, 2005 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com