Electronic Components Datasheet Search
  English  ▼

X  

BPV23L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPV23L
Description  Silicon PIN Photodiode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV23L Datasheet(HTML) 3 Page - Vishay Siliconix

  BPV23L Datasheet HTML 1Page - Vishay Siliconix BPV23L Datasheet HTML 2Page - Vishay Siliconix BPV23L Datasheet HTML 3Page - Vishay Siliconix BPV23L Datasheet HTML 4Page - Vishay Siliconix BPV23L Datasheet HTML 5Page - Vishay Siliconix BPV23L Datasheet HTML 6Page - Vishay Siliconix BPV23L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BPV23F(L)
Document Number 81510
Rev. 1.4, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Reverse Dark Current vs. Ambient Temperature
Figure 2. Relative Reverse Light Current vs. Ambient Temperature
Figure 3. Reverse Light Current vs. Irradiance
20
40
60
80
1
10
100
1000
100
94 8403
VR =10V
Tamb - Ambient Temperature (
°C)
0.6
0.8
1.0
1.2
1.4
94 8409
VR =5V
λ = 950 nm
Tamb - Ambient Temperature (
°C)
100
80
60
40
20
0
0.01
0.1
1
0.1
1
10
100
1000
Ee – Irradiance ( mW/cm2 )
10
94 8424
VR =5V
λ = 950 nm
Figure 4. Reverse Light Current vs. Reverse Voltage
Figure 5. Diode Capacitance vs. Reverse Voltage
Figure 6. Relative Spectral Sensitivity vs. Wavelength
0.1
1
10
1
10
100
VR – Reverse Voltage ( V )
100
94 8425
1 mW/cm 2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
0.02 mW/cm2
λ = 950 nm
0.1
1
10
0
20
40
60
80
VR – Reverse Voltage ( V )
100
94 8423
E=0
f=1MHz
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com