Electronic Components Datasheet Search
  English  ▼

X  

HCD71 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD71
Description  12V OCXO Sine Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD71 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD71 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 May 1998
12V OCXO Sine Output
HCD71 & HCD170
Option
Codes
HCD71
HCD170
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
15.00
(max)
0.80Ø
36.20
(max)
46.00 (max)
1
6
2
3
4
5
PIN
1
2
3
4
5
6
CONNECTION
Case
Freq Adjustment
+6V output
RF output
Supply
Ground
10.00
20.32
13.97
13.97
3.81
VOLTAGE CONTROL
3
2
6
10k multi-turn
1k
6V
0V
1.27
BOTTOM VIEW
Features
➠ Low profile package
➠ Cost effective
➠ Wide frequency range
➠ Custom options available
➠ Simple upgrade path (HCD71 to HCD170)
Product name + frequency
eg: HCD71 10.0MHz
HCD170 10.0MHz
Option code X (eg HCD71/X) denotes a custom specification.
Ordering Information
Scale 1:1
HCD71: Low profile, cost effective, sine output
HCD170: High performance version of HCD71
Frequency range:
4.0 ~ 60.0MHz
Frequency stability:
±1x10-8 / day at despatch
±5x10-9 / day at despatch
±7.5x10-7 / year max
±5x10-7 / year max
±1x10-7 per 5% change in V
DD
Temperature stability:
±2x10-7 over -20 to +60°C
±5x10-8 over -20 to +60°C
Operating temperature range:
-20 to +60°C
Other options from -40°C
specify
Storage temperature range:
-40 to +90°C
Output waveform:
Sine wave, 1.5V p-p ±0.5V into 50
Other options available
specify
Frequency adjustment:
±2x10-5 typ, +0.5 to +6.0V
(sufficient for 10 years ageing min)
Stabilised +6.0V supply provided
Supply voltage (V
DD):
+12.0V (±0.5V)
Other options from 10~30V
specify
Power consumption:
4.5W max at switch on
1.2W typ when stabilised at 25°C
1.0W typ when stabilised at 25°C
Warm up:
±5x10-8 after 10mins at +25°C
Phase noise (@ 10.0MHz):
< -110dBc/Hz @ 10Hz
< -130dBc/Hz @ 100Hz
< -145dBc/Hz @ 1kHz
< -150dBc/Hz @ 10kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G


Similar Part No. - HCD71

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD70R1K4P SEMIHOW-HCD70R1K4P Datasheet
199Kb / 7P
Originative New Design
HCD70R350E SEMIHOW-HCD70R350E Datasheet
246Kb / 8P
700V N-Channel Super Junction MOSFET
HCD70R600S SEMIHOW-HCD70R600S Datasheet
265Kb / 8P
Superior Avalanche Rugged Technology
HCD70R600S SEMIHOW-HCD70R600S Datasheet
265Kb / 8P
700V N-Channel Super Junction MOSFET
HCD70R700T SEMIHOW-HCD70R700T Datasheet
386Kb / 9P
Extremely low switching loss
More results

Similar Description - HCD71

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
OCXO Sine Output
HCD210 GOLLEDGE-HCD210 Datasheet
65Kb / 1P
OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
HCD310 GOLLEDGE-HCD310_18 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
MCOCXOS GOLLEDGE-MCOCXOS_18 Datasheet
555Kb / 5P
12V OCXO with Sine Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com