Electronic Components Datasheet Search
  English  ▼

X  

TS321 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS321
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS321 Datasheet(HTML) 4 Page - Texas Instruments

  TS321 Datasheet HTML 1Page - Texas Instruments TS321 Datasheet HTML 2Page - Texas Instruments TS321 Datasheet HTML 3Page - Texas Instruments TS321 Datasheet HTML 4Page - Texas Instruments TS321 Datasheet HTML 5Page - Texas Instruments TS321 Datasheet HTML 6Page - Texas Instruments TS321 Datasheet HTML 7Page - Texas Instruments TS321 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.ti.com
Electrical Characteristics
TS321
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
SLOS489A – DECEMBER 2005 – REVISED MARCH 2007
V
CC+ = 5 V, VCC– = GND, VO = 1.4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.5
4
RS = 0, 5 V < VCC+ < 30 V,
VIO
Input offset voltage
mV
0 < VIC < (VCC+ – 1.5 V)
Full range
5
25
°C
2
30
IIO
Input offset current
nA
Full range
50
25
°C
20
150
IIB
Input bias current(1)
nA
Full range
200
25
°C
50
100
Large-signal differential voltage
VCC = 15 V, RL = 2 kΩ,
AVD
V/mV
amplification
VO = 1.4 V to 11.4 V
Full range
25
25
°C
0
VCC+ – 1.5
VICR
Common-mode input voltage(2)
VCC = 30 V
V
Full range
0
VCC+ – 2
25
°C
26
27
RL = 2 kΩ
Full range
25.5
VCC = 30 V
25
°C
27
28
VOH
High-level output voltage
RL = 10 kΩ
V
Full range
26.5
25
°C
3.5
VCC = 5 V
RL = 2 kΩ
Full range
3
25
°C
5
15
VOL
Low-level output voltage
RL = 10 kΩ
V
Full range
20
VCC = 30 V, VI = 10 mV, RL = 2 kΩ,
GBP
Gain bandwidth product
25
°C
0.8
MHz
f = 100 kHz, CL = 100 pF
VCC = 15 V, VI = 0.5 V to 3 V,
SR
Slew rate
25
°C
0.4
V/
µs
RL = 2 kΩ, CL = 100 pF, unity gain
φ
m
Phase margin
25
°C
60
°
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
25
°C
65
85
dB
ISOURCE Output source current
VCC = 15 V, VO = 2 V, VID = 1 V
25
°C
20
40
mA
VO = 2 V
25
°C
10
20
mA
ISINK
Output sink current
VCC = 15 V, VID = 1 V
VO = 0.2 V
25
°C
12
50
µA
IO
Short-circuit to GND
VCC = 15 V
25
°C
40
60
mA
SVR
Supply-voltage rejection ratio
VCC = 5 V to 30 V
25
°C
65
110
dB
VCC = 5 V
500
800
25
°C
VCC = 30 V
600
900
ICC
Total supply current
No load
µA
VCC = 5 V
600
900
Full range
VCC = 30 V
1000
VCC = 30 V, VO = 2 Vpp, AV = 20 dB,
THD
Total harmonic distortion
25
°C
0.015
%
RL = 2 kΩ, f = 1 kHz, CL = 100 pF
eN
Equivalent input noise voltage
VCC = 30 V, f = 1 kHz, RS = 100 Ω
25
°C
50
nV/
√Hz
(1)
The direction of the input current is out of the device. This current essentially is constant, independent of the state of the output, so no
loading change exists on the input lines.
(2)
The input common-mode voltage of either input signal should not be allowed to go negative by more than 0.3 V. The upper end of the
common-mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 32 V without damage.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com