Electronic Components Datasheet Search
  English  ▼

X  

PLUTO Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PLUTO Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button PLUTO Datasheet HTML 7Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 8Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 9Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 10Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 11Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 12Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 13Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 14Page - Zarlink Semiconductor Inc PLUTO Datasheet HTML 15Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
12
PLUTO
ELECTRICAL CHARACTERISTICS (CDMA BASEBAND RX INTERFACE CIRCUIT) continued
T
AMB = -30°C to +70°C, VCC = +2.7 to +3.6V.
These characteristics are guaranteed by either production test or design. They
apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Value
Units
Conditions
Min
Typ
Max
FM RX Interface
Resolution
8
Bits
Full scale input voltage
1
V pk-pk
Measured differentially
Input dc level
Vdd-1.4
V
Input sample rate
30
50
ks/s
Input resistance (dc)
100
k
Ω
Input capacitance
10
20
pF
Integral non linearity
±1.5
LSB
Differential non linearity
±0.75
LSB
AUXILIARY CONVERTER SECTION
Resolution
8
Bits
ADC full scale range
2.5
V
ADC zero scale range
0.5
V
Integral non linearity
±1.25
LSB
Differential non linearity
±0.75
LSB
Conversion time
20
ks/s
ADCCLK
410
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com