Electronic Components Datasheet Search
  English  ▼

X  

AT97SC3203S Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT97SC3203S
Description  Trusted Platform Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203S Datasheet(HTML) 2 Page - ATMEL Corporation

  AT97SC3203S Datasheet HTML 1Page - ATMEL Corporation AT97SC3203S Datasheet HTML 2Page - ATMEL Corporation AT97SC3203S Datasheet HTML 3Page - ATMEL Corporation AT97SC3203S Datasheet HTML 4Page - ATMEL Corporation AT97SC3203S Datasheet HTML 5Page - ATMEL Corporation AT97SC3203S Datasheet HTML 6Page - ATMEL Corporation AT97SC3203S Datasheet HTML 7Page - ATMEL Corporation AT97SC3203S Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AT97SC3203S
5132AS–TPM–1/07
Figure 1. Pin Configurations
Figure 2. AT97SC3203S Block Diagram
1
2
3
4
5
6
7
8
9
10
NC
GND
SB3V
GPIO6
NC
TestI
TestBI
VCC
GND
VBAT
30
29
28
27
26
25
24
23
22
21
NC
GND
VCC
NC
NC
AVRCLK
NC
VCC
GND
NC
11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31
40-pin QFN
6.0 mm x 6.0 mm Body
0.50 mm Pitch
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SMBDAT
SMBCLK
NC
GND
SB3V
GPIO6
NC
TestI
TestBI
VCC
GND
VBAT
Xtall/32K in
XtalO
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
NC
NC
GND
VCC
NC
NC
AVRCLK
NC
VCC
GND
NC
RESET#
NC
28-pin TSSOP
6.1 mm x 9.7 mm Body
0.65 mm Pitch
33 MHz
AVR
Clock Input
AVR
8-Bit RISC
CPU
Physical
Security
Circuitry
SMBDAT
SMBus Interface
GPIO
RTC
(Optional)
VBAT
32.768 kHz
RNG
Timer
ROM
Program
EEPROM
Program
EEPROM
Data
CRYPTO
Engine
SRAM
GPIO6
SMBCLK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com