Electronic Components Datasheet Search
  English  ▼

X  

HCF4516B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4516B
Description  PRESETTABLE BINARY UP/DOWN COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4516B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4516B Datasheet HTML 1Page - STMicroelectronics HCF4516B Datasheet HTML 2Page - STMicroelectronics HCF4516B Datasheet HTML 3Page - STMicroelectronics HCF4516B Datasheet HTML 4Page - STMicroelectronics HCF4516B Datasheet HTML 5Page - STMicroelectronics HCF4516B Datasheet HTML 6Page - STMicroelectronics HCF4516B Datasheet HTML 7Page - STMicroelectronics HCF4516B Datasheet HTML 8Page - STMicroelectronics HCF4516B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
MEDIUM SPEED OPERATION :
8 MHz (Typ.) at 10V
s
SYNCHRONOUS INTERNAL CARRY
PROPAGATION
s
RESET AND PRESET CAPABILITY
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4516B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP package.
It is a PRESETTABLE BINARY UP/DOWN
COUNTER,
consists
of
four
synchronously
clocked D-type flip-flops (with a gating structure to
provide T-type flip-flop capability) connected as a
counter. This counter can be cleared by a high
level on the RESET line, and can be preset to any
binary number present on the jam inputs by a high
level on the PRESET ENABLE line. Synchronous
cascading is accomplished by connecting all clock
inputs in parallel and connecting the CARRY OUT
of a less significant stage to the CARRY IN of a
more
significant
stage.
HCF4516B
can
be
cascaded in the ripple mode by connecting all
clock inputs in parallel and connecting the CARRY
OUT to the clock of the next stage. If the UP/
DOWN input changes during a terminal count, the
CARRY OUT must be gated with the clock, and
the UP/DOWN input must change while the clock
is high. This method provides a clean clock signal
to the subsequent counting stage.
HCF4516B
PRESETTABLE BINARY UP/DOWN COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4516BEY
DIP


Similar Part No. - HCF4516B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4516BEY STMICROELECTRONICS-HCF4516BEY Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4516BM013TR STMICROELECTRONICS-HCF4516BM013TR Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
HCF4516BM1 STMICROELECTRONICS-HCF4516BM1 Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
More results

Similar Description - HCF4516B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
Presettable 4-Bit Binary UP/DOWN Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com