Electronic Components Datasheet Search
  English  ▼

X  

IRFB3207ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB3207ZPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB3207ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFB3207ZPBF Datasheet HTML 1Page - International Rectifier IRFB3207ZPBF Datasheet HTML 2Page - International Rectifier IRFB3207ZPBF Datasheet HTML 3Page - International Rectifier IRFB3207ZPBF Datasheet HTML 4Page - International Rectifier IRFB3207ZPBF Datasheet HTML 5Page - International Rectifier IRFB3207ZPBF Datasheet HTML 6Page - International Rectifier IRFB3207ZPBF Datasheet HTML 7Page - International Rectifier IRFB3207ZPBF Datasheet HTML 8Page - International Rectifier IRFB3207ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
05/29/06
Benefits
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche SOA
l Enhanced body diode dV/dt and dI/dt
Capability
www.irf.com
1
IRFB3207ZPbF
IRFS3207ZPbF
IRFSL3207ZPbF
Applications
l High Efficiency Synchronous Rectification in
SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
PD - 97213
HEXFET® Power MOSFET
GD
S
Gate
Drain
Source
TO-220AB
IRFB3207ZPbF
D
S
D
G
D
D
S
G
D2Pak
IRFS3207ZPbF
TO-262
IRFSL3207ZPbF
S
D
G
VDSS
75V
RDS(on) typ.
3.3m:
max
4.1m:
ID
170A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.50
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
°C/W
RθJA
Junction-to-Ambient, TO-220
k
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D
2Pak jk
–––
40
180
75
30
300
16
-55 to + 175
± 20
2.0
10lb
xin (1.1Nxm)
300
Max.
170
c
120
c
670
S
D
G


Similar Part No. - IRFB3207ZPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB3207Z ISC-IRFB3207Z Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
IRFB3207ZG ISC-IRFB3207ZG Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB3207ZGPBF IRF-IRFB3207ZGPBF Datasheet
291Kb / 8P
HEXFETPower MOSFET
More results

Similar Description - IRFB3207ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com