Electronic Components Datasheet Search
  English  ▼

X  

STM32F407IGH6TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F407IGH6TR
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F407IGH6TR Datasheet HTML 1Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 2Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 3Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 4Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 5Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 6Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 7Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 8Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 203 page
background image
STM32F405xx, STM32F407xx
2/203
DS8626 Rev 9
• 8- to 14-bit parallel camera interface up to
54 Mbytes/s
• True random number generator
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
Table 1. Device summary
Reference
Part number
STM32F405xx
STM32F405RG, STM32F405VG, STM32F405ZG, STM32F405OG, STM32F405OE
STM32F407xx
STM32F407VG, STM32F407IG, STM32F407ZG,
STM32F407VE, STM32F407ZE, STM32F407IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More