Electronic Components Datasheet Search
  English  ▼

X  

BY328 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY328
Description  Damper diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY328 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY328 Datasheet HTML 1Page - NXP Semiconductors BY328 Datasheet HTML 2Page - NXP Semiconductors BY328 Datasheet HTML 3Page - NXP Semiconductors BY328 Datasheet HTML 4Page - NXP Semiconductors BY328 Datasheet HTML 5Page - NXP Semiconductors BY328 Datasheet HTML 6Page - NXP Semiconductors BY328 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Sep 30
4
Philips Semiconductors
Product specification
Damper diode
BY328
GRAPHICAL DATA
Fig.2
Maximum total power dissipation as a
function of working peak forward current.
Solid line: basic high-voltage E/W modulator circuit; see Fig.8.
Dotted line: basic conventional horizontal deflection circuit; see Fig.9.
Curves include power dissipation due to switching losses.
handbook, halfpage
08
6
4
2
0
MBH413
3
1
2
4
IFWM (A)
Ptot
(W)
Fig.3
Forward current as a function of forward
voltage; maximum values.
Dotted line: Tj = 150 °C; solid line: Tj =25 °C.
handbook, halfpage
02
5
0
1
2
3
4
1
VF (V)
IF
(A)
MBE936
Fig.4 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.5
Mounting with additional printed circuit
board for heat sink purposes.
Dimensions in mm.
handbook, halfpage
35
30
10
MGA204
25.4
10
3 cm2
copper
3 cm2
copper



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com