Electronic Components Datasheet Search
  English  ▼

X  

SA571 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA571 Datasheet(HTML) 2 Page - ON Semiconductor

  SA571 Datasheet HTML 1Page - ON Semiconductor SA571 Datasheet HTML 2Page - ON Semiconductor SA571 Datasheet HTML 3Page - ON Semiconductor SA571 Datasheet HTML 4Page - ON Semiconductor SA571 Datasheet HTML 5Page - ON Semiconductor SA571 Datasheet HTML 6Page - ON Semiconductor SA571 Datasheet HTML 7Page - ON Semiconductor SA571 Datasheet HTML 8Page - ON Semiconductor SA571 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SA571
http://onsemi.com
2
VARIABLE
GAIN
THD TRIM
RECT CAP
1.8V
INVERTER IN
OUTPUT
+
−
RECTIFIER
Figure 1. Block Diagram
DG IN
RECT IN
VREF
R2 20kW
R1 10kW
R3 20kW
R4 30kW
R3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Operating Voltage
VCC
18
VDC
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature
TJ
150
°C
Power Dissipation
PD
400
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
75
105
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com