Electronic Components Datasheet Search
  English  ▼

X  

SA571D Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA571D
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA571D Datasheet(HTML) 3 Page - ON Semiconductor

  SA571D Datasheet HTML 1Page - ON Semiconductor SA571D Datasheet HTML 2Page - ON Semiconductor SA571D Datasheet HTML 3Page - ON Semiconductor SA571D Datasheet HTML 4Page - ON Semiconductor SA571D Datasheet HTML 5Page - ON Semiconductor SA571D Datasheet HTML 6Page - ON Semiconductor SA571D Datasheet HTML 7Page - ON Semiconductor SA571D Datasheet HTML 8Page - ON Semiconductor SA571D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SA571
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
−
6.0
−
18
V
Supply Current
ICC
No Signal
−
4.2
4.8
mA
Output Current Capability
IOUT
−
± 20
−
−
mA
Output Slew Rate
SR
−
−
± .5
−
V/
ms
Gain Cell Distortion (Note 2)
Untrimmed
Trimmed
−
0.5
0.1
2.0
%
Resistor Tolerance
−
−
± 5
± 15
%
Internal Reference Voltage
−
1.65
1.8
1.95
V
Output DC Shift (Note 3)
Untrimmed
−
± 90
± 150
mV
Expandor Output Noise
No Signal, 15 Hz−20 kHz
(Note 1)
−
20
60
mV
Unity Gain Level (Note 5)
1.0 kHz
−1.5
0
+1.5
dBm
Gain Change (Notes 2 and 4)
−
−
± 0.1
−
dB
Reference Drift (Note 4)
−
−
+2.0, −25
+20, −50
mV
Resistor Drift (Note 4)
−40
°C to +85°C
−
+10, −12
−
%
Tracking Error
(Measured Relative to Value at Unity Gain)
Equals [VO − VO (unity gain)] dB − V2dBm
Rectifier Input,
VCC = +6.0 V
V2 = +6.0 dBm, V1 = 0 dB
V2 = −30 dBm, V1 = 0 dB
−
+0.2
+0.2
−1.0, +1.5
dB
Channel Separation
−
−
60
−
dB
1. Input to V1 and V2 grounded.
2. Measured at 0 dBm, 1.0 kHz.
3. Expandor AC input change from no signal to 0 dBm.
4. Relative to value at TA = 25°C.
5. 0 dBm = 775 mVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com