Electronic Components Datasheet Search
  English  ▼

X  

SA571DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # SA571DR2
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA571DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SA571DR2 Datasheet HTML 3Page - ON Semiconductor SA571DR2 Datasheet HTML 4Page - ON Semiconductor SA571DR2 Datasheet HTML 5Page - ON Semiconductor SA571DR2 Datasheet HTML 6Page - ON Semiconductor SA571DR2 Datasheet HTML 7Page - ON Semiconductor SA571DR2 Datasheet HTML 8Page - ON Semiconductor SA571DR2 Datasheet HTML 9Page - ON Semiconductor SA571DR2 Datasheet HTML 10Page - ON Semiconductor SA571DR2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SA571
http://onsemi.com
9
Figure 15 shows the noise performance of the
DG cell.
The maximum output level before clipping occurs in the
gain cell is plotted along with the output noise in a 20 kHz
bandwidth. Note that the noise drops as the gain is reduced
for the first 20 dB of gain reduction. At high gains, the signal
to noise ratio is 90 dB, and the total dynamic range from
maximum signal to minimum noise is 110 dB.
VCA GAIN (0dB)
+20
0
−20
−40
−60
−80
−100
−40
−20
0
MAXIMUM
SIGNAL LEVEL
NOISE IN
20kHz BW
90dB
110dB
Figure 15. Dynamic Range
Control signal feedthrough is generated in the gain cell by
imperfect device matching and mismatches in the current
sources, I1 and I2. When no input signal is present, changing
IG will cause a small output signal. The distortion trim is
effective in nulling out any control signal feedthrough, but
in general, the null for minimum feedthrough will be
different than the null in distortion. The control signal
feedthrough can be trimmed independently of distortion by
tying a current source to the
DG input pin. This effectively
trims I1. Figure 16 shows such a trim network.
Figure 16. Control Signal Feedthrough
R−SELECT FOR
3.6V
470k
W
TO PIN 3 OR 14
100k
W
VCC
Operation Amplifier
The main op amp shown in the chip block diagram is
equivalent to a 741 with a 1.0 MHz bandwidth. Figure 17
shows the basic circuit. Split collectors are used in the input
pair to reduce gM, so that a small compensation capacitor of
just 10 pF may be used. The output stage, although capable
of output currents in excess of 20 mA, is biased for a low
quiescent current to conserve power. When driving heavy
loads, this leads to a small amount of crossover distortion.
Q1
Q2
Q4
Q3
I1
I2
Q6
D1
D2
Q2
CC
+IN
−IN
OUT
Figure 17. Operational Amplifier
ORDERING INFORMATION
Device
Description
Temperature Range
Shipping†
SA571D
16−Pin Plastic Small Outline (SO−16 WB) Package
−40 to +85
°C
47 Units / Rail
SA571DG
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
−40 to +85
°C
47 Units / Rail
SA571DR2
16−Pin Plastic Small Outline (SO−16 WB) Package
−40 to +85
°C
1000 / Tape & Reel
SA571DR2G
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
−40 to +85
°C
1000 / Tape & Reel
SA571N
16−Pin Plastic Dual In−Line Package (PDIP−16)
−40 to +85
°C
25 Units / Rail
SA571NG
16−Pin Plastic Dual In−Line Package (PDIP−16)
(Pb−Free)
−40 to +85
°C
25 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com