Electronic Components Datasheet Search
  English  ▼

X  

SA575D Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA575D
Description  Low Voltage Compandor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575D Datasheet(HTML) 2 Page - ON Semiconductor

  SA575D Datasheet HTML 1Page - ON Semiconductor SA575D Datasheet HTML 2Page - ON Semiconductor SA575D Datasheet HTML 3Page - ON Semiconductor SA575D Datasheet HTML 4Page - ON Semiconductor SA575D Datasheet HTML 5Page - ON Semiconductor SA575D Datasheet HTML 6Page - ON Semiconductor SA575D Datasheet HTML 7Page - ON Semiconductor SA575D Datasheet HTML 8Page - ON Semiconductor SA575D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SA575
http://onsemi.com
2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S
DG
DG
VREF
S
+
−
+
−
OP AMP
OP AMP
VCC
575
4.7
mF
10
mF
0.1
mF
VCC +5V
10
mF
2.2
mF
10
mF
CRECT
1
mF
VIN
VREF
VOUT
CRECT
2.2
mF
10
mF
VIN
+
+
+
+
+
+
+
+
+
VOUT
GND
GND
GND
GND
GND
GND
VREF
10
mF
Figure 1. Block Diagram and Test Circuit
3.8k
W
10k
W
10k
W
3.8k
W
10k
W
10k
W
10k
W
30k
W
R8
30k
W
C3
C6
C15
C14
R13
C11
C10
R7
C8
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
+VIN1
Non−Inverted Input 1
2
−VIN1
Inverted Input 1
3
VOUT
Output
4
RECT. IN1
Rectifier 1 Input
5
CRECT1
External Capacitor Pinout for Rectifier 1
6
SUM OUT1
Summation Output 1
7
COMP. IN1
Compensator Pin
8
VREF
Voltage Reference
9
GAIN CELL IN1
Variable Gain Cell Input 1
10
GND
Ground
11
GAIN CELL IN2
Variable Gain Cell Input 2
12
SUM NODE 2
Summation Node 2
13
COMP. IN2
Compensator Pin
14
SUM OUT2
Summation Output 2
15
CRECT2
External Capacitor Pinout for Rectifier 2
16
RECT. IN2
Rectifier 2 Input
17
VOUT2
Output 2
18
−VIN2
Inverted Input 2
19
+VIN2
Non−Inverted Input 2
20
VCC
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com