Electronic Components Datasheet Search
  English  ▼

X  

SMS15C Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMS15C
Description  5-Line Transient Voltage Suppressor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS15C Datasheet(HTML) 3 Page - ON Semiconductor

  SMS15C Datasheet HTML 1Page - ON Semiconductor SMS15C Datasheet HTML 2Page - ON Semiconductor SMS15C Datasheet HTML 3Page - ON Semiconductor SMS15C Datasheet HTML 4Page - ON Semiconductor SMS15C Datasheet HTML 5Page - ON Semiconductor SMS15C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMS05C, SMS12C, SMS15C, SMS24C
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise specified)
Figure 1. Pulse Derating Curve
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Clamping Voltage vs. Peak Pulse Current
50
30
25
20
15
10
5
0
05
10
IPP, PEAK PULSE CURRENT (A)
15
20
25
Figure 4. Junction Capacitance vs. Reverse Voltage
300
250
200
150
100
50
0
05
VBR, REVERSE VOLTAGE (V)
10
15
20
25
45
40
35
8 x 20
ms
PULSE WAVEFORM
f = 1.0 MHz
SMS05C
SMS12C
SMS15C
SMS24C
SMS05C
SMS12C
SMS15C
SMS24C
Figure 5. ESD Pulse IEC 61000−4−2
(8.0 kV Contact)
Figure 6. SMS15CT1 ESD Response for IEC
61000−4−2 (+8.0 kV Contact)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com