Electronic Components Datasheet Search
  English  ▼

X  

TL594CDG Datasheet(PDF) 9 Page - ON Semiconductor

Part # TL594CDG
Description  Precision Switchmode Pulse Width Modulation Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL594CDG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button TL594CDG Datasheet HTML 4Page - ON Semiconductor TL594CDG Datasheet HTML 5Page - ON Semiconductor TL594CDG Datasheet HTML 6Page - ON Semiconductor TL594CDG Datasheet HTML 7Page - ON Semiconductor TL594CDG Datasheet HTML 8Page - ON Semiconductor TL594CDG Datasheet HTML 9Page - ON Semiconductor TL594CDG Datasheet HTML 10Page - ON Semiconductor TL594CDG Datasheet HTML 11Page - ON Semiconductor TL594CDG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TL594
http://onsemi.com
9
Figure 19. Slaving Two or More Control Circuits
Figure 20. Operation with Vin > 40 V Using
External Zener
RT
CT
6
5
Vref
RT
CT
Master
Vref
Slave
(Additional
Circuits)
RT
CT
5
6
Vin > 40V
RS
VZ = 39V
1N975A
VCC
5.0V
Ref
12
270
Gnd
7
+Vin = 8.0V to 20V
1
2
3
15
16
+
−
−
+
Comp
OC
VREF DT
CT
RT Gnd
E1
E2
13
14
45679
10
1.0M
33k
0.01 0.01
VCC
C1
C2
8
11
47
47
10
+
10k
4.7k
4.7k
15k
Tip
32
+
T1
1N4934
L1
1N4934
240
+
50
35V
4.7k
1.0
22
k
+
+VO = 28V
IO = 0.2A
12
All capacitors in
mF
TL594
0.001
50
35V
50
25V
Tip
32
Figure 21. Pulse Width Modulated Push−Pull Converter
Test
Conditions
Results
L1 − 3.5 mH @ 0.3 A
T1 − Primary: 20T C.T. #28 AWG
T1 − Secondary: 12OT C.T. #36 AWG
T1 − Core: Ferroxcube 1408P−L00−3CB
Line Regulation
Vin = 10 V to 40 V
14 mV 0.28%
Load Regulation
Vin = 28 V, IO = 1.0 mA to 1.0 A
3.0 mV 0.06%
Output Ripple
Vin = 28 V, IO = 1.0 A
65 mVpp P.A.R.D.
Short Circuit Current
Vin = 28 V, RL = 0.1 W
1.6 A
Efficiency
Vin = 28 V, IO = 1.0 A
71%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com